PART |
Description |
Maker |
HRF-AT4611-TR HRF-AT4611-E HRF-AT4611 HRF-AT4611-B |
31.5 dB, DC-4GHz, 6 Bit Serial Digital Attenuator
|
LIGITEK electronics co., ltd. Honeywell Solid State Electronics Center
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX5253 MAX5253ACAP MAX5253ACPP MAX5253AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP20 3V / Quad / 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V Quad 12-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
FM25C041 FM25C041U FM25C041UE FM25C041UV FM25C041U |
SERIAL EEPROM|512X8|CMOS|SOP|8PIN|PLASTIC 512 X 8 SPI BUS SERIAL EEPROM, PDSO8 4K-Bit SPI⑩ Interface Serial CMOS EEPROM 4K-Bit SPI Interface Serial CMOS EEPROM From old datasheet system 4K-Bit SPI?/a> Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
WM0834 WM0838 WM0834CN WM0834LCN WM0838CDW WM0834C |
ARRAY NPN TRANS/ZENER DIO SOT363 8-BIT QUAD INPUT ADC WITH SERIAL INTERFACE 8-BIT OCTAL INPUT ADC WITH SERIAL INTERFACE From old datasheet system 8-Bit ADCs with Serial Interface and Configurable Input Multiplexer TVS UNIDIRECT 1500W 30V SMC
|
WOLFSON[Wolfson Microelectronics plc]
|
NJU3718 NJU3718G NJU3718L NJU3718GTE1 |
20 bit Serial to Parallel Converter 20-BIT SERIAL TO PARALLEL CONVERTER 20-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO28 SOP-28
|
NJRC[New Japan Radio]
|
MAX1136EUA |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Maxim Integrated Products, Inc.
|
MAX148BEAP MAX149BMAP/PR3 |
2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX170 MAX170CCPA MAX170CCWE MAX170CEPA MAX170CEWE |
Serial Output 5.6us 12-Bit A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|